Part Number Hot Search : 
BFXXXX UPC4064 UPC4064 NK364PN X952007 X952007 NJU6439C MV64420
Product Description
Full Text Search
 

To Download TDA7497S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7497S
8W+8W+15W TRIPLE AMPLIFIER
s s s s s s s s s s
8+8W (RL = 8) + 15W ( RL = 4) OUTPUT POWER @THD = 10%, Vcc = 25V INDEPENDENT MUTE FOR CENTER CHANNEL AND MAIN CHANNELS NO TURN-ON TURN-OFF POP NOISE NO BOUCHEROT CELL SINGLE SUPPLY RANGING UP TO 35V SHORT CIRCUIT PROTECTION THERMAL OVERLOAD PROTECTION INTERNALLY FIXED GAIN SOFT CLIPPING MULTIWATT 15 PACKAGE
MULTIPOWER BI50II TECHNOLOGY
Multiwatt15 ORDERING NUMBER: TDA7497S
DESCRIPTION The TDA7497S is a triple 8+8+15W class AB power amplifier assembled in the @ Multiwatt 15 package, specially designed for high quality sound, TV applications. BLOCK DIAGRAM
VS_C PW_GND C1 INR 470nF S_GND 8 2 11 1 13 VS +VS C11 0.1F C10 0.1F C9 1000F
Features of the TDA7497S include mute functions, independently controller for main and center channels.
+ 30K OP AMP
14
C8 1000F OUTR C12 1F 10K R2 MUTE2 10K R1 C7 1F
S1 MUTE2 (CENTER)
9 PW_GND_C 4 MUTE PROTECTIONS 60K C2 INL 470nF 5 10
+5V
S_GND
MUTE1
+5V S2 MUTE1 (L/R)
+ 30K OP AMP
12
OUTL C6 1000F
C3 INC 470nF C4
6
+ 30K OP AMP
3
OUTC
C5
SVR
7
1000F 15 PW_GND
470F
D98AU961B
April 2003
1/7
TDA7497S
ABSOLUTE MAXIMUM RATINGS
Symbol VS Ptot Tamb Tstg, Tj DC Supply Voltage Total Power Dissipation (Tamb = 70C) Ambient Operating Temperature (1) Storage and Junction Temperature Parameter Value 35 20 0 to 70 -40 to 150 Unit V W C C
(1) Operation between -20 to 85 C guaranteed by correlation with 0 to 70C.
PIN CONNECTION (Top view)
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
PW_GND OUTR VS OUTL PW_GND MUTE1 (L/R) MUTE2 (CENTER) S_GND SVR INC INL PW_GND_C OUTC VS_C INR
D98AU962A
THERMAL DATA
Symbol Rth j-case Rth j-amb Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Value Typ.=1.3 max = 1.9 max = 35 Unit C/W C/W
2/7
TDA7497S
ELECTRICAL CHARACTERISTCS (Refer to the test circuit VS = 25V; Rg = 50, Tamb = 25C)
Symbol VS Iq VO PO_L/R PO_C THD Ipeak L/R Ipeak C GV GV BW eN SR Ri SVR TM Ts Total Output Noise Slew Rate Input Resistance Supply Voltage Rejection Thermal Muting Thermal Shut-down f = 1kHz CSVR = 470F; VRIP = 1Vrms f = 20Hz to 22KHz 5 22.5 50 Parameter Supply Voltage Range Total Quiescent Current Quiescent Output Voltage Output Power Left / RightChannels Output Power Center Channel Total Harmonic Distortion Output Peak Current Output Peak Current Central Channel Closed Loop Gain L/R Voltage GainMatching THD = 10%; RL = 8; THD = 1%; RL = 8; THD = 10%; RL = 4 THD = 1%; RL = 4 PO = 1W; f = 1KHz; (internally limited) (internally limited) 28.5 -1 0.6 60 8 30 60 150 160 150 2.0 2.5 29.5 30.5 1 11.5 6 5 12 10 Test Condition Min. 11 60 12.5 8 6 15 12 0.4 Typ. Max. 30 100 13.5 Unit V mA V W W W W % A A dB dB MHz V V/s K dB C C
MUTE & INPUT SELECTION FUNCTIONS
VMUTE1 Mute 1 ON threshold (L/R) Mute 1 OFF threshold (L/R) VMUTE2 Mute 2 ON Threshold (center) Mute 2 OFF Threshold (center) AMUTE Mute Attenuation Mute Play 50 65 1 0.2 5 2 3.5 1.5 3.5 1.5 V V V V dB A A
ImuteBIAS Mute bias current Mute1/Mute2
3/7
TDA7497S
Figure 1. PC Boar and Component Layout
4/7
TDA7497S
Figure 2. Output Power vs Supply Voltage
W 10 8 6 4
THD=1%
TDA7497 Rl = 80hm f = 1KHz
Figure 4. THD+N vs Output Power
T.H.D. (% )
10 5
THD=10%
2 1 0.5 0.2 0.1 0.05
TDA7497 Vcc=26Vdc Rl = 8ohm f = 1KHz
2 0 +10
+12
+14
+16
+18 Vdc
+20
+22
+24 +25
0.02 0.01 60m 100m 200m 500m 1 2 5 10
Pout vs Vcc : RL=8ohm, F=1KHz (filter 22Hz-22KHz), THD= 1%, 10%, channels L/R/C
Figure 3. Frequency Response
Amp. (dB)
Figure 5. Pdiss vs Output Power
Pdiss. (W)helv
16 15
TDA7497 Vcc=25 Vdc Rl = 8ohm 0dB = 1W
+5l +4 +3 +2 +1 +0 -1 -2 -3 -4 -5
14 13 12 11 10
TDA7497 Vcc = 26V Right/Left/Center= 8 ohm X axis is 3X Pout
20
50
100
200
500
1k
2k
5k
10k
20k
50k 100k
9 0 5 10 15
Pout. (W)
Frequency ( Hz )
20
25
30
5/7
TDA7497S
DIM. MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.9 21.7 17.65 17.25 10.3 2.65 4.25 4.63 1.9 1.9 3.65 0.49 0.66 1.02 17.53 19.6
mm TYP. MAX. 5 2.65 1.6 1 0.55 0.75 1.27 17.78 1.52 18.03 20.2 22.2 22.1 17.5 10.7 4.55 5.08 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.53 2.6 2.6 3.85 0.862 0.854 0.695 0.679 0.406 0.104 0.167 0.182 0.075 0.075 0.144 0.019 0.026 0.040 0.690 0.772 MIN.
inch TYP. MAX. 0.197 0.104 0.063 0.039 0.022 0.030 0.050 0.700 0.060 0.710 0.795 0.874 0.870 0.689 0.421 0.179 0.200 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.218 0.102 0.102 0.152
OUTLINE AND MECHANICAL DATA
Multiwatt15 V
6/7
TDA7497S
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics 2003 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7
(R)


▲Up To Search▲   

 
Price & Availability of TDA7497S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X